Part Number Hot Search : 
ALD1108E 4VHC2 TL187 TL1431CZ MC6808 A2D47 AQV217 ERB05JGR
Product Description
Full Text Search
 

To Download SS461C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the ss361ct / SS461C latches are small, sensitive and versatile digital hall - effect devices that are operated by the magnetic field from a permanent magnet or an electromagnet . they are designed to respond to alternating north and south poles. t hese bipolar sensor ics have enhanced sensitivity which often allows for the use of less expensive magnets. they offer reverse polarity protection and deliver a stable output over a - 40 c to 125 c [ - 40 f to 257 f] temperature range. operation from any dc supply voltage from 4 v dc to 24 v dc is acceptable. these hall - effect devices are available in two package styles : the ss361ct in the m iniature sot - 23 surface mount package and the SS461C in the leaded, flat to - 92 - style package. the ss361ct s small s ize requires less pc b (printed circuit board) space , allowing it to be used in smaller assemblies . the ss361ct is available on tape and reel (3000 units per reel) . t he SS461C is available in a bulk package (1000 units per bag) . featu res and benefit s e nhanced sensitivity : w ill operate from onl y 50 gauss typ ical, at 25c [77 f] , 80 g max . at - 40 c to 85 c [ - 40 f to 185 f] , and 95 gauss over the full temperature range, allowing the use of smaller, potentially lower - cost magnets or wider air gaps subm iniature, sot - 23 surface mount package (ss3 61c t) supplied on tape and reel a llows for a compact design with automated compone nt placement, helping to reduce manufacturing costs small, leaded, flat to - 92 pac kage (ss4 6 1 c ) allows for a compact pcb layout b ipo lar latching magnetics respond to alternating north and south poles, making these products well - suited for accurate speed sensing and rpm (revolutions per minute) measurement wide operating voltage range of 4 vdc to 24 vdc makes th ese sensors useable in a wide range of applications built - in reverse voltage capability enhanc es the protection of the sensor and the circuits with which it is used robust design: will operate up to 125 c [257 f] rohs - compliant materials meet directive 2 002/95/ec potential app lications transportation speed and rpm sensing tachometer, counter pickup motor and fan control electr onic window lift convertible roof position industrial and commercial flow - rate sensing for appliances speed and rpm sensing tachometer, counter pickup brushless dc motor commutation motor and fan control robotics control medical m edical equipment using electric motors
2 www.honeywell.com/sensing table 1. ss361ct / SS461C performance specifications ( at 4 vdc to 24 vdc supply , 20 ma load , t a = - 40 o c to 1 25 o c [ - 40 o f to 257 o f] except where otherwise specified. characteristic condition min . typ . max . unit supply voltage - 40 c to 125 c [ - 40 f to 257 f] 4 C 24 v dc supply current vsupply = 5 v at 25 c [77 f] vsupply = 3 v at 25 c [77 f] C C C 4 3.5 C 6 5 8 ma vsat g auss > 95 C C 0.4 v output leakage current g a uss >95 C C 10 a rise/ f all time rise fall vsupply = 12 v at 25 c [77 f] r l =1.6 kohm, c l = 20 pf C C C C C C 1.5 1.5 1. 5 s operate - 40 c to 85 c [ - 40 f to 185 f] 5 50 8 0 g auss - 40 c to 125 c [ - 40 f to 257 f] 5 50 95 release - 40 c to 85 c [ - 40 f to 185 f] - 80 - 50 - 5 g auss - 40 c to 125 c [ - 40 f to 257 f] - 95 - 50 - 5 differential - 4 0 c to 85 c [ - 40 f to 185 f] 50 100 160 g auss - 40 c to 125 c [ - 40 f to 257 f] 50 100 190 operat ing temperature vsupply = 4 vdc to 24 v dc - 40 [ - 40] C 125 [ 257 ] c [ f] storage temperature C - 40 [ - 40] C 150 [302] c [ f] notice bipolar hall - effect sensor ics may have an initial output in either the on or off state if powered up with an applied magn etic field in the differential zone (applied magnetic field >brp and SS461C absolute maxim um ratings 1 characteristic min . typ . max . unit supply voltage - 26.0 C 28.0 v applied output voltage - 0.5 C 28.0 v output current C C 20 ma magnetic flux C C no limit g auss note 1 : absolute maximum ratings are the extreme limits that the device will wi thstand without damage to the device. however, the electrical and mechanical characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are approached, nor will the device necessarily operate at absolute maximum ratin gs. figure 1. typical magnetic characteristics figure 2. current sinking output block diagram
honeywell sensing and control 3 f igure 3 . ss361ct mounting and t ape / reel dimensions (for reference only. mm/[in] . ) tape reel figure 4 . s s4 61c mounting dimensions (for reference only. mm/[in] . ) 1 , 6 0 [ 0 . 0 6 3 ] 2 , 8 0 [ 0 . 1 1 0 ] 1 , 4 5 [ 0 . 0 5 7 ] 1 , 2 0 [ 0 . 0 4 7 ] s n 0 , 7 8 7 [ 0 . 0 3 1 ] 0 , 4 1 3 [ 0 . 0 1 6 ] 0 , 7 7 [ 0 . 0 3 0 ] n o m i n a l t o i c s e n s i n g s u r f a c e 3 g n d ( - ) 2 , 9 0 [ 0 . 1 1 4 ] 1 v c c ( + ) 2 o u t p u t 3 x 0 , 5 0 [ 0 . 2 0 ] 1 , 9 0 [ 0 . 0 7 5 ] 0 , 9 5 [ 0 . 0 3 7 ] n o m i n a l i c c e n t e r 0 , 6 0 [ 0 . 0 2 4 ] 2 , 5 [ 0 . 1 0 0 ] 1 , 6 [ 0 . 0 6 2 ] 3 x 0 , 3 [ 0 . 0 1 5 ] 0 , 7 6 [ 0 . 0 3 ] 4 , 1 [ 0 . 1 6 1 ] 2 x 1 , 3 [ 0 . 0 5 0 ] 3 x 0 , 4 3 [ 0 . 0 1 7 ] 3 x 0 , 3 8 [ 0 . 0 1 5 ] 3 . 0 [ 0 . 1 1 8 ] g n d v s o u t 1 4 , 6 1 [ 0 . 5 7 5 ] n s 1 , 8 3 [ 0 . 0 7 2 ] 0 , 4 6 [ 0 . 0 1 8 ] n o m i n a l t o i c s e n s i n g s u r f a c e n o m i n a l i c c e n t e r
sensing and control honeywell 1 985 douglas drive north golden valley, mn 55422 www.honeywell.com/sensing 005930 - 1 - en il50 glo printed in usa march 2010 ? 2010 honeywell international inc . all rights reserved. o rder g uide catalog listing description ss361ct high s ensitivity b ipolar latch ing , hall - effect d igital sensor ic , sot - 23 package , tape and reel packag ing (3 000 units per reel) SS461C high s ensitivity b ipolar latch ing , hall - effect d igital sensor ic , flat to - 92 - style package , bulk packag ing (1000 units per bag) warning personal injury do not use these products as safety or emergency stop devices or in any oth er application where failure of the product could result in personal injury. failure to comply with these instructions could result in death or serious injury. w arranty/remedy honeywell warrants goods of its manufacture as being free of defective materia ls and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer to your order acknowledgement or consult your local sales office for specific warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it finds defective. the foregoing is buyers sole remedy and is in lieu of all other warranties, expressed or implied, includi ng those of merchantability and fitness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indirect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application. specifications may change without notice. the information we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility f or its use. warning misuse of documentat ion the information presented in this product sheet is for reference only. do not use this document as a product installation guide. complete installation, operation, and maintenance information is provided in the instructions supplied with each product. failure to comply with these instructions could result in death or serious injury. sales and service honeywell serves its customers through a worldwide network of sales offices, representatives and distrib utors. for application assistance, current specifications, pricing or name of the nearest authorized distributor, contact your local sales office or: e - mail : info.sc@honeywell.com internet: www.honeywell.com/sensing phone and fax: asia pacific +65 6355 - 28 28 +65 6445 - 3033 fax europe +44 (0) 1698 481 481 +44 (0) 1698 481676 fax latin america +1 - 305 - 805 - 8188 +1 - 305 - 883 - 8257 fax usa/canada +1 - 800 - 537 - 6945 +1 - 815 - 235 - 6847 +1 - 815 - 235 - 6545 fax


▲Up To Search▲   

 
Price & Availability of SS461C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X